PART |
Description |
Maker |
M80-4T1164200-06-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, No jackscrews, 16 x 3mm PC Tail signal contacts, 6 x 3mm PC Tail Coax contacts 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M83-LFC1FBN19-0101-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews with extended guide, 19 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
39-01-2225 39-01-2025 |
Header; Number of Contacts:22; Pitch Spacing:0.165"; Number of Rows:2; Gender:Female; Series:Mini-Fit Jr. 5557; Body Material:Nylon 6/6 22 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE Multipole Connector; Gender:Female; Number of Contacts:2; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V
|
Molex, Inc. MOLEX INC
|
M80-4C104F1-22-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x Special contact spaces, not supplied with any special contacts
|
HARWIN INC
|
15-87-0205 |
Connector; No. of Contacts:68; Mounting Type:PCB; Gender:Female; No. of Rows:2; Pitch Spacing:0.05" 68 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
15-04-5221 15-04-5184 15-04-5424 15-04-5421 15-04- |
SL ItmCp DR O/Ribs 22Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 34Ckt 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045181 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Multipole Connector; Number of Contacts:50; Series:SL; Body Material:Polyester; Number of Rows:2 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045341 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; No. of Contacts:40; Series:SL RoHS Compliant: Yes 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; Number of Contacts:12; Series:SL SL ItmCp DR O/Ribs 38Ckt SL ItmCp DR W/Ribs 30Ckt
|
Molex, Inc. MOLEX INC
|
19418-0005 |
Connector; Gender:Female; Number of Contacts:4; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):22-18 4 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
19418-0007 |
Receptacle assembly; Gender:Female; Number of Contacts:2; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):16-14 2 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
15-24-7247 15-24-7103 15-24-7161 15-24-7183 15-24- |
MiniFit BMI Rec Hdr AssyV-0 24Ckt PhB Au 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Tin V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,18 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE A-42385-18D2 V-0 18Ckt 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Au V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 14 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Mini-Fit BMI Rec Hdr Assy V-0 24Ckt 15247242 Multipole Connector; Number of Contacts:6; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:42385; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass
|
Molex, Inc. MOLEX INC
|
2-1445052-6 2-1445052-9 2-1445052-2 2-1445052-7 2- |
VERTICAL SURFACE MOUNT HEADER ASSY, TIN CONTACTS, W/THRU HOLE HOLDDOWNS, SINGLE ROW, MICRO MATE-N-LOK VERTICAL SURFACE MOUNT HEADER ASSY TIN CONTACTS, W/THRU HOLE HOLDDOWNS, SINGLE ROW, MICRO MATE-N-LOK VERTICAL SURFACE MOUNT HEADER ASSY TIN CONTACTS, W/THRU HOLE HOLDDOWNS, SINGLE ROW MICRO MATE-N-LOK
|
Tyco Electronics
|
|